Electronic Components Datasheet Search
  English  ▼

X  

LG L29K-G2J1-24 Datasheet (PDF) - ams-OSRAM AG

LG L29K-G2J1-24 Datasheet PDF - ams-OSRAM AG
Part # LG L29K-G2J1-24
Download  LG L29K-G2J1-24 Download
File Size   1681.04 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SMARTLED™ 0603

LG L29K-G2J1-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LG L29K-G2J1-24 Datasheet PDF - ams-OSRAM AG

Part # LG L29K-G2J1-24
Download  LG L29K-G2J1-24 Click to download

File Size   1681.04 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SMARTLED™ 0603

LG L29K-G2J1-24 Datasheet (HTML) - ams-OSRAM AG


LG L29K-G2J1-24 Product details

Applications
- Access Control & Security
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
Features
- Package: SMT package 0603, colorless diffused resin
- Chip technology: Volume emitter (InGaAlP)
- Typ. Radiation: 150°
- Color: λdom = 570 nm (● green)
- Optical efficacy: 4 lm/W
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors., The product qualification test
plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification for Automotive Grade
Discrete Semiconductors., The product qualification test plan is based on the guidelines of AEC-Q101-
REV-C, Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LG L29K-G2J1-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LG A676-P1Q2-24 AMSOSRAM-LG A676-P1Q2-24 Datasheet
1Mb / 21P
SIDELED®
2019-07-16
LG A67K-G2K1-24 AMSOSRAM-LG A67K-G2K1-24 Datasheet
1Mb / 24P
SIDELED®
2022-08-04
LG M670-J2M1-1 AMSOSRAM-LG M670-J2M1-1 Datasheet
1Mb / 22P
Mini TOPLED®
2019-07-15
LG M676-N2Q1-24 AMSOSRAM-LG M676-N2Q1-24 Datasheet
1Mb / 22P
Mini TOPLED®
2019-07-16
LG M67K-G1J2-24 AMSOSRAM-LG M67K-G1J2-24 Datasheet
1Mb / 22P
Mini TOPLED®
2024-11-22
More results


Similar Description - LG L29K-G2J1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL28G OSRAM-LWL28G Datasheet
601Kb / 16P
SmartLED Enhanced Optical Power Chip
LO-L29K-H2L1-24-Z OSRAM-LO-L29K-H2L1-24-Z Datasheet
388Kb / 20P
SMARTLED
LT-L29S-P2R1-25-Z OSRAM-LT-L29S-P2R1-25-Z Datasheet
392Kb / 20P
SMARTLED
LW-L283-P2R1-3K8L OSRAM-LW-L283-P2R1-3K8L Datasheet
525Kb / 23P
SMARTLED 0603
LY-L29K-J1K2-26-Z OSRAM-LY-L29K-J1K2-26-Z Datasheet
390Kb / 20P
SMARTLED
LY-L296-Q2R2-26-Z OSRAM-LY-L296-Q2R2-26-Z Datasheet
394Kb / 20P
SMARTLED
LOL296 OSRAM-LOL296 Datasheet
393Kb / 20P
SMARTLED
LOL29K OSRAM-LOL29K Datasheet
388Kb / 20P
SMARTLED
LAL296 OSRAM-LAL296_12 Datasheet
388Kb / 20P
SMARTLED
LYL296 OSRAM-LYL296_12 Datasheet
394Kb / 20P
SMARTLED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com